PART |
Description |
Maker |
EPC1110H EPC1110P EPC1110-15 |
Ethernet DC/DC Regulated Converter Ethernet DC/DC Regulated Converter
|
PCA ELECTRONICS INC.
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
LXT975A LXT974 LXT975BHC |
DATACOM, ETHERNET TRANSCEIVER, PQFP160 Fast Ethernet 10/100 Quad Transceivers
|
CORTINA SYSTEMS INC Intel Corp.
|
X5585999T4-F S5585999T4-F X558-5999-T4-F S558-5999 |
DATACOM TRANSFORMER FOR ETHERNET APPLICATION(S) GIGABIT ETHERNET MAGNETICS
|
Bel Fuse Inc.
|
MAX851 MAX851ESA MAX851ISA MAX850 MAX850ESA MAX850 |
Low-noise, regulated, negative charge-pump power supplies for GaAsFET bias. 2mVp-p output voltage ripple. 100kHz chage-pump switching frequency. Logic-level shutdown mode: 1microA max over temp. Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias 低噪声、稳压型、负输出电荷泵,用于GaAsFET偏置电源 Quadruple 2-Input Positive-AND Gates 20-LCCC -55 to 125 Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias Low-Noise / Regulated / Negative Charge-Pump Power Supplies for GaAsFET Bias
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
NE8392 NE8392C NE8392CA NE8392CN |
Coaxial transceiver interface for Ethernet/Thin Ethernet
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
EPA1885-8-RC EPA1885-1-RC EPA1885-10-RC EPA1885-2- |
DATACOM TRANSFORMER FOR LAN; ETHERNET APPLICATION(S) ROHS COMPLIANT Isolation Transformers for LAN-Ethernet Applications
|
Bourns, Inc. PCA ELECTRONICS INC.
|
AM79C874VC |
NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver DATACOM, ETHERNET TRANSCEIVER, PQFP80
|
Advanced Micro Devices, Inc.
|
ISL6111 ISL6111CRZA ISL6111EVAL2 ISL6111CRZA-T |
Current regulated PCI hot plug power switch controller. From old datasheet system Current Regulated PCI Hot Plug Power Switch Controller; Temperature Range: 0°C to 70°C; Package: 20-QFN T&R 3-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC20 Current Regulated PCI Hot Plug Power Switch Controller 电流调节的PCI热插拔电源开关控制器
|
Intersil Corporation Intersil, Corp.
|
BCM5695 BCM569504 BCM8703 BCM5464 BCM5673 BCM5695- |
MULTILAYER 12-PORT GIGABIT ETHERNET STACKABLE SWITCH 12-Port Multilayer Gigabit Ethernet Switch with HiGig stacking MULTILAYER 12 PORT GIGABIT ETHERNET STACKABLE SWITCH DATACOM, ETHERNET TRANSCEIVER, PBGA480
|
BOARDCOM[Broadcom Corporation.] ETC
|
P8SG-XXXXEH52 P8SG-0505EH52 P8SG-1205EH52 P8SG-121 |
Input voltage:24V, output voltage 7.2V (200mA), 5.2KV isolated 1.5W regulated single output 5.2 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 5.2千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|